Part Number Hot Search : 
KSC1187 422ELC MK316B 6400A 77M016 AO6400 90507E3 00HST
Product Description
Full Text Search
 

To Download BRM-1020-NS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BRIGHT LED ELECTRONICS CORP.
SINCE 1981
BRM-1020-NS
INFRARED RECEIVER MODULE
Description
1. The BRM-1020-NS is miniaturized infrared receiver for remote control and other applications requiring improved ambient light rejection. 2. The separate PIN diode and preamplifier IC are assembled on a single lead frame. 3. The epoxy package contains a special IR filter. disturbed ambient light applications and provides protection against uncontrolled output pulses.
18.5(.728) 0.25 7.4(.291) 6.5(.256) 2.5(.098) 3.25(.128) 7.5(.295) 3.5(.138) 1.8(.071)
Package Dimensions:
4. This module has excellent performance even in
3.0(.118) 3.2(.126)
Features
1. 2. 3. 4. 5. 6. 7. Photo detector and preamplifier in one package . Internal filter for PCM frequency. High immunity against ambient light. Improved shielding against electric field disturbance. 3.0V or 5.0V supply voltage; low power consumption. TTL and CMOS compatibility. Suitable transmission code: NEC code,RC5 code.
0.5(.020) 2.54(.10) 2.54(.10)
0.4(.016) 2.0(.079)
NOTES:
1.All dimensions are in millimeters (inches). 2.Tolerance is 0.10mm (0.004'') unless otherwise specified. 3.Specifications are subject to change without notice.
Applications:
1. It can be used for TVsVTRsaudio equipment air conditioners car stereo radiotoys home computers and all other equipment requiring remote control.
BLOCK DIAGRAM
Vcc Vout B.P.F PD ABLC
Demodulator
Preamp
Amp
Limiter
Integrator
Comparator GND
REV: 1.0 Page: 1of 4
BRIGHT LED ELECTRONICS CORP.
SINCE 1981
BRM-1020-NS
Absolute Maximum Ratings(Ta=25)
Parameter
Supply Voltage Operating Temperature Storage Temperature Soldering Temperature
Symbol
Vcc Topr Tstg Tsol
Ratings
2.7~5.5 -30~+65 -40~+85 260
Unit
V
Notice
-- -- -- 4mm from mold body less than 5 sec
Electrical And Optical Characteristics(Ta=25)
Parameter
Supply Voltage Supply Current
Symbol
Vcc Icc
Condition
DC voltage No signal input At the ray axis
Ratings Min. Typ. Max.
2.7 -- 12 6 -- -- -- -- -- -- -- 38 940 45 5.5 1.5 --
Unit
V mA
Reception Distance B.P.F Center Frequency Peak Wavelength Half Angle
L In the range of 45cone fo p -- -- -- Specified by the output TH period within a range from 10cm to the arrival distance (average value of 50 pulses) Specified by the output TL period within a range from 10cm to the arrival distance (average value of 50 pulses) 10cm over the ray axis 10cm over the ray axis -- -- -- --
m KHz nm deg
High Level Pulse Width
TH
400
--
800
S
Low Level Pulse Width
TL VH VL
400
--
800
S V V
High Level Output Voltage Low Level Output Voltage
4.5 --
-- --
-- 0.5
REV: 1.0 Page: 2of 4
BRIGHT LED ELECTRONICS CORP.
SINCE 1981
BRM-1020-NS
Application Circuit
47 Infrared Emitting Diode IRM Vcc Out GND 47uF >10k uC
GND +5V
Fig.1 Transmitter Wave Form Transmitter Output D.U.T Output Pulse VH TL TH VL
600us 600us
Fig.2 Measuring Method Measuring Method
20cm >10k 5.0 0.1V
Fig.3 Measuring System
+ 10uF
Standard Transmitter Standard Transmitter

Vcc
D.U.T
GND
Vout
100k
Vout
Oscilloscope
Vout Oscilloscope
REV: 1.0 Page: 3 of 4
BRIGHT LED ELECTRONICS CORP.
SINCE 1981
BRM-1020-NS
Electrical And Optical Curves(Ta=25)
Fig.5 Relative Transmission Distance vs. Direction
0 10 20 30 1.0
Fig.4 Relative Spectral Sensitivity vs.
(%) 1.2
Wavelength
Relative Responsitibity
0.8
1.0
40
0.6
0.9 0.8
50 60 70
0.4
0.2
0.7
80 90
0 750
850
950
1050
1150 (nm)
0.5
0.3
0.1
0.2
0.4
0.6
Wavelength
Relative Transmission Distance
(mS) 1.0
Fig.6 Output Pulse Diagram
(mA) 2.0 1.8
Fig.7 Supply Current vs. Ambient Temperature
0.8
1.6
on
Ton ,Toff -Output Pulse Length
1.4
0.6
off
Supply Current
2
1.2 1.0 0.8 0.6 0.4
0.4
0.2
=950nm,Optical Test Signal,Fig.8
0.2 0.0 0.1 1 10 100 1000 10000 (mW/cm ) 0.0 -30 0 30 60 90 ( C)
Irradiance
Ambient Temperature
Fig.8 Frequency Dependence of Responsivity
1.0 (m) 20
Fig.9 Arrival Distance Vs. Ambient Temperature
0.8
16
Transmission Distance
0
0.6
12
Rel. Responsitivity
0.4
8
0.2
0
4
0.0 0.7
0 0.8 0.9 1.0 1.1 1.2 1.3
-40
-20
0
20
40
60
80
100 ( C)
Relative Frequency
Ambient Temperature
REV: 1.0 Page: 4 of 4


▲Up To Search▲   

 
Price & Availability of BRM-1020-NS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X